PART |
Description |
Maker |
E28F256J3C-110 GE28F256J3C-110 E28F256J3C-115 GE28 |
Intel StrataFlash Memory (J3) 英特StrataFlash存储器(J3 Aluminum Electrolytic Radial Lead Audio Grade Capacitor; Capacitance: 2200uF; Voltage: 10V; Case Size: 10x20 mm; Packaging: Bulk 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 16M X 16 FLASH 2.7V PROM, 125 ns, PDSO56 Intel StrataFlash Memory (J3) 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 8M X 16 FLASH 3V PROM, 150 ns, PDSO56 Intel StrataFlash Memory (J3) 8M X 16 FLASH 2.7V PROM, 120 ns, PBGA64 (TE28FxxxJ3C) Strata Flash Memory Strata Flash Memory / 256 Mbit
|
Intel, Corp. Intel Corp. http:// Intel Corporation
|
UNR2225 UNR2226 UNR2227 UN2225 UN2226 UN2227 |
Flash Memory IC; Memory Configuration:128K x 8; Memory Size:1Mbit; Package/Case:32-DIP; Supply Voltage Max:5.5V; Access Time, Tacc:120ns; Mounting Silicon NPN epitaxial planar type
|
Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
AT17LV002A AT17C002A AT17C002A-10JC AT17C002A-10JI |
FPGA Configuration EEPROM Memory 2M X 1 CONFIGURATION MEMORY, PQFP32 5015 RR 19#16 PIN PLUG 2M X 1 CONFIGURATION MEMORY, PQCC20
|
Atmel, Corp. ATMEL[ATMEL Corporation]
|
SCDE2B0100 SCDE1C0200 |
Combine Type Connector (for SD Memory Card, MultiMediaCard垄芒, Memory Stick垄芒, xD-Picture Card垄芒) Combine Type Connector (for SD Memory Card, MultiMediaCard? Memory Stick? xD-Picture Card?
|
ALPS ELECTRIC CO.,LTD.
|
LH28F008SCHT LH28F008SCHT-85 LH28F008SCN-L120 LH28 |
8MBIT (1 MB x 8)Smart Voltage Flash Memory 40pin STSOP 8Mbit Flash Memory 8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY 8MBIT (1 MB x 8)Smart Voltage Flash Memory 44pin PSOP
|
Sharp Electrionic Components
|
MX26F128J3XCC-15 MX26F128J3 MX26F128J3TC-12 MX26F1 |
Macronix NBit TM Memory Family 128M [x8/x16] SINGLE 3V PAGE MODE eLiteFlash TM MEMORY
|
ETC[ETC]
|
M14128 D10 D22 ST1331 ST1336 ST14C02C C20 C30 D15 |
Memory Card IC 256/128 Kbit Serial IC Bus EEPROM Memory Micromodules General Information for D1/ D2 and C Packaging Memory Micromodules General Information for D1, D2 and C Packaging Memory Micromodules General Information for D1 D2 and C Packaging
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
XRAG208 |
432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
|
STMicroelectronics
|
MB85R1002PFTN MB85R1002 |
Memory FRAM SPECIALTY MEMORY CIRCUIT, PDSO48
|
Fujitsu, Ltd. Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited] Fujitsu Microelectronics
|
BR34E02FVT-W BR34E02NUX-W |
DDR/DDR2 (For memory module) SPD Memory
|
Rohm
|
CAT28F102 CAT28F102T14I-45T CAT28F102PI-45T CAT28F |
90ns 1M-bit CMOS flash memory 70ns 1M-bit CMOS flash memory 55ns 1M-bit CMOS flash memory 45ns 1M-bit CMOS flash memory 1 Megabit CMOS Flash Memory
|
Catalyst Semiconductor http://
|